Part Number Hot Search : 
HSC106D MMSZ524 SAMTEC 3GH61 MPC9446 UPD71082 CA3088 TF0091A
Product Description
Full Text Search
 

To Download DDTC144EUA-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30321 rev. 4 - 2 1 of 3 ddtc (r1 = r2 series) ua ddtc (r1 = r2 series) ua npn pre-biased sm all sig nal sot- 323 surface mo unt transisto r epitaxial planar die construction complementary pnp types available ( ddta ) built-i n biasing resistors, r1 = r2 characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua v in -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 v output current d dtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i o 100 100 50 30 100 20 ma output current all i c (max) 100 ma power dissipation p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l f d b c h k g i n g n d o u t mechanical data case: sot-323, molded p lastic case material - ul flammability rating 94v-0 moisture sensitivity: level 1 per j-std-020 a terminals: solderable per mil-s td-202 , method 208 terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0. 006 grams (approx.) ordering informati on (see page 2) t c u d o r p w e n i n i n r 1 r 2 g n d s c h e m a t i c d i a g r a m o u t g n d o u t p/n r1, r2 (nom) marking ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua 2.2k w 4.7k w 10k w 22k w 47k w 100k w n04 n08 n13 n17 n20 n24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 a 0 8 all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad layout at http :// www .diodes.com/ datasheets /ap02001. pdf .
ds30321 rev. 4 - 2 2 of 3 ddtc (r1 = r2 series) u characteristic symbol min typ max unit test condition input voltage v l(off) 0.5 1.1 ? v v cc = 5v, i o = 100 m a v l(on) ? 1.9 3 v o = 0.3v, i o = 20ma, ddtc123eua v o = 0.3v, i o = 20ma, ddtc143eua v o = 0.3v, i o = 10ma, ddtc114eua v o = 0.3v, i o = 5ma, ddtc124eua v o = 0.3v, i o = 2ma, ddtc144eua v o = 0.3v, i o = 1ma, ddtc115eua output voltage v o(on) ? 0.1 0.3 v i o /i l =10ma/0.5ma, ddtc123eua i o /i l =10ma/0.5ma, ddtc143eua i o /i l =10ma/0.5ma, ddtc114eua i o /i l =10ma/0.5ma, ddtc124eua i o /i l =10ma/0.5ma, ddtc144eua i o /i l =5ma/0.25ma, ddtc115eua input current ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i l ? ? 3.8 1.8 0.88 0.36 0.18 0.15 ma v i = 5v output current i o(off) ? ? 0.5 m a v cc = 50v, v i = 0v dc current gain ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua g l 20 20 30 56 68 82 ? ? ? v o = 5v, i o = 20ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor (r 1 ) tolerance d r 1 -30 ? +30 % ? resistance ratio r 2 /r 1 0.8 1 1.2 ? ? gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xx x y m marking i nformat ion notes: 2. for packaging details, go to our website at http://www.diodes.com/datas heets/ap02007.pdf. orderi ng inform ation device packaging shipping ddtc123eua-7 sot-323 3000/tape & reel ddtc143eua-7 sot-323 3000/tape & reel ddtc114eua-7 sot-323 3000/tape & reel ddtc124eua-7 sot-323 3000/tape & reel DDTC144EUA-7 sot-323 3000/tape & reel ddtc115eua-7 sot-323 3000/tape & reel date code key month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w (note 2)
ds30321 rev. 4 - 2 3 of 3 ddtc (r1 = r2 series) u -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d t c u d o r p w e n 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c 0 1 2 3 4 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 5 1 0 5 1 5 2 5 i = 0 m a e 10 1000 100 1 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 dc curre nt gain v = 10 ce 75 c -25 c 25 c 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e 75 c -2 5 c 5 6 7 25 c typical curves - ddtc143eua


▲Up To Search▲   

 
Price & Availability of DDTC144EUA-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X